PART |
Description |
Maker |
BYT28 BYT28-300 BYT28-400 BYT28B BYT28F UGF10GCT U |
Dual Ultrafast Soft Recovery Rectifier, Reverse Recovery Time 35ns, Forward Current 10A, Reverse Voltage 300 to 400V Diodes
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
MBRB1090 MBRB10100 MBRF10100 MBR1090 MBRF1090 MBR1 |
High Voltage Schottky Rectifiers Reverse Voltage 90 to 100V Forward Current 10A
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
MBR10H150CT MBRF10H150CT MBRB10H150CT-1 |
Dual High-Voltage Schottky Rectifiers, Forward Current 10A, Reverse Voltage 150V, Max. Junction Temperature 175C Diodes
|
VISAY[Vishay Siliconix]
|
SGC10CS-15 |
Surface Mount Schottky Rectifier Reverse Voltage 200V Forward Current 10A
|
GOOD-ARK Electronics
|
UF740L-TA3-T UF740L-TF3-T UF740 UF740-TA3-T UF740- |
10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET 10A条,00V.55 Ohm的N沟道功率MOSFET 10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET 10 A, 400 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
SBYD17D |
Standard Recovery Pack: GF1 SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE拢潞200V CURRENT拢潞 1.0A SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE?00V CURRENT?/a> 1.0A SINTERED GLASS JUNCTION SURFACE MOUNTED RECTIFIER VOLTAGE?00V CURRENT 1.0A
|
Gulf Semiconductor
|
HC26 HC38 HC35 HC79R2J224K HC26R2A103K HC26R2A123K |
NTE IC, POWER: 6 W, PACKAGE: 10 PIN SIP SRAM Memory IC; Memory Type:MOS SRAM; Interface Type:Serial; Access Time, Tacc:300ns; Package/Case:22-DIP; Mounting Type:Through Hole Voltage Regulator IC; Output Current:100mA; Output Voltage:9V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through DIODE ZENER 150MW 33V 0603 RECT FAST REC 400V 8A TO-220A 高压多层陶瓷电容 Small Signal Diode; Repetitive Reverse Voltage Max, Vrrm:200V; Forward Current Avg Rectified, IF(AV):250mA; Forward Voltage Max, VF:1.25V; Vf Test Current:200mA; Reverse Recovery Time, trr:50ns; Power Dissipation, Pd:400mW 高压多层陶瓷电容 MEDIUM/HIGH VOLTAGE MULTILAYER CERAMIC CAPACITORS 高压多层陶瓷电容 RECT FAST REC 600V 8A TO-220A 高压多层陶瓷电容 RECTIFIER BRIDGE 10A 100V 170A-ifsm 1.05V-vf 10uA-ir GBJ 15/TUBE 高压多层陶瓷电容
|
ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|
UGF5JT UG5HT UG5JT UGB5HT UGB5JT UGF5HT |
Ultrafast Rectifiers, Forward Current 5.0A, Reverse Recovery Time 25ns, Reverse Voltage 500 to 600V From old datasheet system
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
1N4246GP 1N4247GP 1N4248GP 1N4245 1N4245GP |
Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 400V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 600V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 800V General Purpose Plastic Rectifier, Forward Current 1.0A, Reverse Voltage 200V Glass Passivated Junction Rectifier, Forward Current 1.0A, Reverse Voltage 200V
|
Vishay
|
NF3G |
Super Fast Recovery Pack: SMC SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE?00V CURRENT?.0A
|
Gulf Semiconductor
|
BYM56C |
Standard Recovery Pack: SOD-64 SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE?00V CURRENT: 3.5A
|
Gulf Semiconductor
|
1N5061 1N5062 |
Standard Recovery Pack: SOD-57 SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE?00V to 800V CURRENT: 2.0A
|
Gulf Semiconductor
|